Part Number Hot Search : 
2RD08 MUN5115 R05N09 TIL191A MTZ15 AN44066A LJ64K052 XXXSE
Product Description
Full Text Search
 

To Download VND5N07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VND5N07/VND5N07-1 VNP5N07FI/K5N07FM
"OMNIFET": FULLY AUTOPROTECTED POWER MOSFET
T YPE VND5N07 VND5N07-1 VNP5N07F I VNK5N07F M
s s s s s s
V c lamp 70 70 70 70 V V V V
R DS(on) 0.2 0.2 0.2 0.2
I l im 5 5 5 5 A A A A
3
3 2 1
s s
s
LINEAR CURRENT LIMITATION THERMAL SHUT DOWN SHORT CIRCUIT PROTECTION INTEGRATED CLAMP LOW CURRENT DRAWN FROM INPUT PIN DIAGNOSTIC FEEDBACK THROUGH INPUT PIN ESD PROTECTION DIRECT ACCESS TO THE GATE OF THE POWER MOSFET (ANALOG DRIVING) COMPATIBLE WITH STANDARD POWER MOSFET
1
DPAK TO-252
IPAK TO-251
3 1 2
DESCRIPTION The VND5N07, VND5N07-1, VNP5N07FI and VNK5N07FM are monolithic devices made using SGS-THOMSON Vertical Intelligent Power M0 Technology, intended for replacement of standard power MOSFETS in DC to 50 KHz applications. Built-in thermal shut-down, linear current limitation and overvoltage clamp protect BLOCK DIAGRAM
ISOWATT220
SOT82-FM
the chip in harsh enviroments. Fault feedback can be detected by monitoring the voltage at the input pin.
June 1996
1/14
VND5N07/VND5N07-1/VNP5N07FI/VNK5N07FM
ABSOLUTE MAXIMUM RATING
Symbol Parameter DPAK IP AK V DS V in ID IR V esd P tot Tj Tc T stg Drain-source Voltage (V in = 0) Input Voltage Drain Current Reverse DC O utput Current Electrostatic Discharge (C= 100 pF, R=1.5 K) Total Dissipation at T c = 25 C Operating Junction T emperature Case O perating T emperature Storage Temperature
o
Value ISOW AT T220 Internally Clamped 18 Internally Limited -7 2000 60 24 Internally Limited Internally Limited -55 to 150 9 SOT -82FM
Unit
V V A A V W
o o o
C C C
THERMAL DATA
DPAK/IPAK R t hj-ca se Thermal Resistance Junction-case Max R t hj-a mb Thermal Resistance Junction-ambient Max 3.75 100 ISOW AT T220 5.2 62.5 SO T82-FM 14 100
o
C/W C/W
o
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified) OFF
Symb ol V CLAMP V CL TH V I NCL I DSS I I SS Parameter Drain-source Clamp Voltage Drain-source Clamp Threshold Voltage Input-Source Reverse Clamp Voltage Zero Input Voltage Drain Current (V in = 0) Supply Current from Input Pin Test Cond ition s I D = 200 mA I D = 2 mA I in = -1 mA V DS = 13 V V DS = 25 V V DS = 0 V V in = 0 V in = 0 Vin = 10 V 250 V in = 0 V in = 0 Min. 60 55 -1 -0.3 50 200 500 Typ . 70 Max. 80 Un it V V V A A A
ON ()
Symb ol V IN(th) R DS( on) Parameter Input Threshold Voltage Static Drain-source On Resistance V DS = Vin V i n = 10 V Vi n = 5 V Test Cond ition s ID + Ii n = 1 mA I D = 2.5 A ID = 2.5 A Min. 0.8 Typ . Max. 3 0.200 0.280 Un it V
2/14
VND5N07/VND5N07-1/VNP5N07FI/VNK5N07FM
ELECTRICAL CHARACTERISTICS (continued) DYNAMIC
Symb ol g fs () C oss Parameter Forward Transconductance Output Capacitance Test Cond ition s V DS = 13 V VDS = 13 V I D = 2.5 A f = 1 MHz V in = 0 Min. 3 Typ . 4 200 300 Max. Un it S pF
SWITCHING ()
Symb ol t d(on) tr t d(of f) tf t d(on) tr t d(of f) tf (di/dt) on Qi Parameter Turn-on Delay Time Rise Time Turn-off Delay Time Fall T ime Turn-on Delay Time Rise Time Turn-off Delay Time Fall T ime Turn-on Current Slope Total Input Charge Test Cond ition s V DD = 15 V V gen = 10 V (see figure 3) V DD = 15 V V gen = 10 V (see figure 3) V DD = 15 V V i n = 10 V V DD = 12 V Id = 2.5 A R gen = 10 Min. Typ . 50 60 150 40 150 400 3900 1100 80 18 Max. 100 100 300 80 250 600 5000 1600 Un it ns ns ns ns ns ns ns ns A/s nC
Id = 2.5 A R gen = 1000
ID = 2.5 A R gen = 10 ID = 2.5 A V i n = 10 V
SOURCE DRAIN DIODE
Symb ol V SD () t r r () Q r r () I RRM () Parameter Forward O n Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current Test Cond ition s I SD = 2.5 A V in = 0 150 0.3 5.7 Min. Typ . Max. 1.6 Un it V ns C A
I SD = 2.5 A di/dt = 100 A/s Tj = 25 oC V DD = 30 V (see test circuit, figure 5)
PROTECTION
Symb ol I lim t dl im () T jsh () T j rs () I gf () E as () Parameter Drain Current Limit Step Response Current Limit Overtemperature Shutdown Overtemperature Reset Fault Sink Current Single Pulse Avalanche Energy V i n = 10 V Vi n = 5 V VDS = 13 V V DS = 13 V
o
Test Cond ition s V i n = 10 V Vi n = 5 V V i n = 10 V Vi n = 5 V VDS = 13 V V DS = 13 V
Min. 3.5 3.5
Typ . 5 5 15 40
Max. 7 7 20 60
Un it A A s s
o
150 135 50 20 0.2
C C
o
mA mA J
starting T j = 25 C V DD = 20 V V i n = 10 V R gen = 1 K L = 10 mH
() Pulsed: Pulse duration = 300 s, duty cycle 1.5 % () Parameters guaranteed by design/characterization
3/14
VND5N07/VND5N07-1/VNP5N07FI/VNK5N07FM
PROTECTION FEATURES During normal operation, the Input pin is electrically connected to the gate of the internal power MOSFET. The device then behaves like a standard power MOSFET and can be used as a switch from DC to 50 KHz. The only difference from the user's standpoint is that a small DC current (Iiss) flows into the Input pin in order to supply the internal circuitry. The device integrates:
- OVERTEMPERATURE AND SHORT CIRCUIT
PROTECTION: these are based on sensing the chip temperature and are not dependent on the input voltage. The location of the sensing element on the chip in the power stage area ensures fast, accurate detection of the junction temperature. Overtemperature cutout occurs at minimum 150oC. The device is automatically restarted when the chip temperature falls below 135oC.
- OVERVOLTAGE
CLAMP PROTECTION: internally set at 70V, along with the rugged avalanche characteristics of the Power MOSFET stage give this device unrivalled ruggedness and energy handling capability. This feature is mainly important when driving inductive loads. the drain current Id to Ilim whatever the Input pin voltage. When the current limiter is active, the device operates in the linear region, so power dissipation may exceed the capability of the heatsink. Both case and junction temperatures increase, and if this phase lasts long enough, junction temperature may reach the overtemperature threshold Tjsh.
- STATUS FEEDBACK: In the case of an
overtemperature fault condition, a Status Feedback is provided through the Input pin. The internal protection circuit disconnects the input from the gate and connects it instead to ground via an equivalent resistance of 100 . The failure can be detected by monitoring the voltage at the Input pin, which will be close to ground potential. Additional features of this device are ESD protection according to the Human Body model and the ability to be driven from a TTL Logic circuit (with a small increase in RDS(on)).
- LINEAR CURRENT LIMITER CIRCUIT: limits
4/14
VND5N07/VND5N07-1/VNP5N07FI/VNK5N07FM
Thermal Impedance For DPAK / IPAK Thermal Impedance For ISOWATT220
Derating Curve
Output Characteristics
Transconductance
Static Drain-Source On Resistance vs Input Voltage
5/14
VND5N07/VND5N07-1/VNP5N07FI/VNK5N07FM
Static Drain-Source On Resistance Static Drain-Source On Resistance
Input Charge vs Input Voltage
Capacitance Variations
Normalized Input Threshold Voltage vs Temperature
Normalized On Resistance vs Temperature
6/14
VND5N07/VND5N07-1/VNP5N07FI/VNK5N07FM
Normalized On Resistance vs Temperature Turn-on Current Slope
Turn-on Current Slope
Turn-off Drain-Source Voltage Slope
Turn-off Drain-Source Voltage Slope
Switching Time Resistive Load
7/14
VND5N07/VND5N07-1/VNP5N07FI/VNK5N07FM
Switching Time Resistive Load Switching Time Resistive Load
Current Limit vs Junction Temperature
Step Response Current Limit
Source Drain Diode Forward Characteristics
8/14
VND5N07/VND5N07-1/VNP5N07FI/VNK5N07FM
Fig. 1: Unclamped Inductive Load Test Circuits Fig. 2: Unclamped Inductive Waveforms
Fig. 3: Switching Times Test Circuits For Resistive Load
Fig. 4: Input Charge Test Circuit
Fig. 5: Test Circuit For Inductive Load Switching And Diode Recovery Times
Fig. 6: Waveforms
9/14
VND5N07/VND5N07-1/VNP5N07FI/VNK5N07FM
TO-252 (DPAK) MECHANICAL DATA
mm MIN. A A1 A2 B B2 C C2 D E G H L2 L4 0.6 2.2 0.9 0.03 0.64 5.2 0.45 0.48 6 6.4 4.4 9.35 0.8 1 0.023 TYP. MAX. 2.4 1.1 0.23 0.9 5.4 0.6 0.6 6.2 6.6 4.6 10.1 MIN. 0.086 0.035 0.001 0.025 0.204 0.017 0.019 0.236 0.252 0.173 0.368 0.031 0.039 inch TYP. MAX. 0.094 0.043 0.009 0.035 0.212 0.023 0.023 0.244 0.260 0.181 0.397
DIM.
H
A
C2
C
DETAIL "A"
A1
L2
D DETAIL "A" B
=
=
3
B2
=
=
G
E
2
L4
1
=
=
A2
0068772-B
10/14
VND5N07/VND5N07-1/VNP5N07FI/VNK5N07FM
TO-251 (IPAK) MECHANICAL DATA
DIM. MIN. A A1 A3 B B2 B3 B5 B6 C C2 D E G H L L1 L2 0.45 0.48 6 6.4 4.4 15.9 9 0.8 0.8 0.3 0.95 0.6 0.6 6.2 6.6 4.6 16.3 9.4 1.2 1 0.017 0.019 0.236 0.252 0.173 0.626 0.354 0.031 0.031 2.2 0.9 0.7 0.64 5.2 mm TYP. MAX. 2.4 1.1 1.3 0.9 5.4 0.85 0.012 0.037 0.023 0.023 0.244 0.260 0.181 0.641 0.370 0.047 0.039 MIN. 0.086 0.035 0.027 0.025 0.204 inch TYP. MAX. 0.094 0.043 0.051 0.031 0.212 0.033
H C A C2 L2 D B3 B6 A1 L
= =
3
B5
B
A3
=
B2
=
G
=
E
L1
1
2
=
0068771-E
11/14
VND5N07/VND5N07-1/VNP5N07FI/VNK5N07FM
ISOWATT220 MECHANICAL DATA
DIM. MIN. A B D E F F1 F2 G G1 H L2 L3 L4 L6 L7 O 28.6 9.8 15.9 9 3 4.4 2.5 2.5 0.4 0.75 1.15 1.15 4.95 2.4 10 16 30.6 10.6 16.4 9.3 3.2 1.126 0.385 0.626 0.354 0.118 mm TYP. MAX. 4.6 2.7 2.75 0.7 1 1.7 1.7 5.2 2.7 10.4 MIN. 0.173 0.098 0.098 0.015 0.030 0.045 0.045 0.195 0.094 0.393 0.630 1.204 0.417 0.645 0.366 0.126 inch TYP. MAX. 0.181 0.106 0.108 0.027 0.039 0.067 0.067 0.204 0.106 0.409
A
B
L3 L6 L7 F1 F
D
G1
E
H
F2
123 L2 L4
P011G
12/14
G
VND5N07/VND5N07-1/VNP5N07FI/VNK5N07FM
SOT82-FM MECHANICAL DATA
mm MIN. A A1 b b1 b2 c D e E L L1 2.85 1.47 0.40 1.4 1.3 0.45 10.5 2.2 7.45 15.5 1.95 TYP. MAX. 3.05 1.67 0.60 1.6 1.5 0.6 10.9 2.8 7.75 15.9 2.35 MIN. 1.122 0.578 0.157 0.551 0.511 0.177 4.133 0.866 2.933 6.102 0.767 inch TYP. MAX. 1.200 0.657 0.236 0.630 0.590 0.236 4.291 1.102 3.051 6.260 0.925
DIM.
P032R
13/14
VND5N07/VND5N07-1/VNP5N07FI/VNK5N07FM
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersede and replaces all information previously supplied. s SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1996 SGS-THOMSON Microelectronics - Printed in Italy - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A .
14/14


▲Up To Search▲   

 
Price & Availability of VND5N07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X